Part Number Hot Search : 
03101 BY228 A7533 STPS201 PC150121 G222E CY62256V TZQ5226B
Product Description
Full Text Search
 

To Download RP03-4805DD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  po 13 www.recom-international.com august 2002 powerline - dc/dc-converter d-series, 3 watt, dip24, regulated & 4:1 wide input range (single & dual output) part number input output output efficiency range voltage current (%) rp03-2405sd 9-36 vdc 5 vdc 500 ma 76 rp03-2412sd 9-36 vdc 12 vdc 250 ma 79 rp03-2415sd 9-36 vdc 15 vdc 200 ma 79 rp03-2405dd 9-36 vdc 5 vdc ?50 ma 74 rp03-2412dd 9-36 vdc 12 vdc ?25 ma 79 rp03-2415dd 9-36 vdc 15 vdc ?00 ma 79 rp03-4805sd 18-75 vdc 5 vdc 500 ma 75 rp03-4812sd 18-75 vdc 12 vdc 250 ma 79 rp03-4815sd 18-75 vdc 15 vdc 200 ma 77 RP03-4805DD 18-75 vdc 5 vdc ?50 ma 74 rp03-4812dd 18-75 vdc 12 vdc ?25 ma 76 rp03-4815dd 18-75 vdc 15 vdc ?00 ma 78 selection guide 24v, 48v input types maximum capacitive load rp03-xx05sd 1000? rp03-xx12sd 170? rp03-xx15sd 110? rp03-xx05dd ?00? rp03-xx12dd ?6? rp03-xx15dd ?7? 3 watts in dip24 package 9-36v and 18-75v input t ypical efficiency up to 77% regulated outputs low profile, 10.2 mm height no derating to 71? no other components required mtbf 1.214 x 10 6 hours over current protection, continuous five-sided emi shield 2 year warranty standard and smt-pinning international safety standard approvals ul 1950 component recognised features
po 14 www.recom-international.com august 2002 powerline - dc/dc-converter d-series, 3 watt, dip24, regulated & 4:1 wide input range (single & dual output) input voltage range 24v types nominal 9 -36v 48v types nominal 18-75v start voltage 10v input filter pi type vo ltage accuracy ?% vo ltage balance, dual outputs ?% ripple and noise, 20mhz bw 50mvp-p line regulation single output ?.2% dual output ?.2% load regulation, fl-1/4fl single output ?.2% dual output ?% t emperature coefficient ?.02%/? over current protection continuous control voltage referenced to negative(-)input compatability cmos, ttl on-control 4.8v min, or open off-control 0.4v max. or short switching frequency 300khz, typ. isolation voltage 500vdc isolation resistance 10 9 ? isolation capacitance 300pf max. operating temperature range -25? to +71? alternative operating temperature suffix "m1" -40? to +85? storage temperature range -55? to +125? cooling free-air convection emi/rfi five-sided shield case material nickel-coated copper with non-conductive base dimensions 31.8 x 20.3 x 10.2 mm mtbf (mil-hdbk-217f ta = 25? full load) 1.214 x 10 6 hours specifications (typical at nominal input and 25? unless otherwise noted) 31.80 2.5 20.30 4.6 3.8 10.20 0.25 x 0.50 rectangular pin 15.20 20.30 15 13 10 11 12 1 2 24 23 20 bottom view pin connections pin # single dual 1 +vin +vin 2 +vin +vin 10 nc common 11 nc common 12 -vout nc 13 +vout -vout 15 nc +vout 20 ctrl ctrl 23 -vin -vin 24 -vin -vin nc = no connection ctrl = remote on/off control pin pitch tolerance ?.35 mm package style and pinning (mm) output power (%) 120 80 100 50 -25 125 ambient temperature c 0 25 100 60 40 20 natural convection cooling 71 75 24 23 22 21 20 16 15 14 13 bottom view 1 2 3 4 5 9 10 11 12 31.80 2.54 20.32 23.40 25.54 25.40 pin area 0.1 x 0.25 1.52 0.25 10.90 smd package style dip24 package style


▲Up To Search▲   

 
Price & Availability of RP03-4805DD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X